データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 271 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 271 Page - NEC

Back Button UPD17708 Datasheet HTML 267Page - NEC UPD17708 Datasheet HTML 268Page - NEC UPD17708 Datasheet HTML 269Page - NEC UPD17708 Datasheet HTML 270Page - NEC UPD17708 Datasheet HTML 271Page - NEC UPD17708 Datasheet HTML 272Page - NEC UPD17708 Datasheet HTML 273Page - NEC UPD17708 Datasheet HTML 274Page - NEC UPD17708 Datasheet HTML 275Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 356 page
background image
271
µPD17704, 17705, 17707, 17708, 17709
Note that data must be set to the PLLSCNF flag before a write (PUT) instruction is executed to the PLL data
register (PLLR).
Example
SET1
PLLSCNF
MOV
DBF0, #0
MOV
DBF1, #4
MOV
DBF2, #4
PUT
PLLR, DBF
17.7 Status at Reset
17.7.1 At power-ON reset
The PLL frequency synthesizer is disabled because the PLL reference frequency selection register is initialized
to 1111B.
17.7.2 At WDT&SP reset
The PLL frequency synthesizer is disabled because the PLL reference frequency selection register is initialized
to 1111B.
17.7.3 On execution of clock stop instruction
The PLL frequency synthesizer is disabled because the PLL reference frequency selection register is initialized
to 1111B.
17.7.4 At CE reset
The PLL frequency synthesizer is disabled because the PLL reference frequency selection register is initialized
to 1111B.
17.7.5 In halt status
The set status is retained if the CE pin is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More