データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 289 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 289 Page - NEC

Back Button UPD17708 Datasheet HTML 285Page - NEC UPD17708 Datasheet HTML 286Page - NEC UPD17708 Datasheet HTML 287Page - NEC UPD17708 Datasheet HTML 288Page - NEC UPD17708 Datasheet HTML 289Page - NEC UPD17708 Datasheet HTML 290Page - NEC UPD17708 Datasheet HTML 291Page - NEC UPD17708 Datasheet HTML 292Page - NEC UPD17708 Datasheet HTML 293Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 356 page
background image
289
µPD17704, 17705, 17707, 17708, 17709
Figure 19-3. Configuration of BEEP/General-Purpose Port Pin Function Selection Register
Name
Flag symbol
b3
0
b2
0
b1
B
E
E
P
1
S
E
L
b0
B
E
E
P
0
S
E
L
Address
13H
Read/Write
R/W
BEEP/general-purpose port
pin function selection
Power-ON reset
WDT&SP reset
CE reset
Clock stop
00
0
0
0
0
0
0
0
0
0
1
Uses P1D0/BEEP0 pin as general-purpose I/O port
Uses P1D0/BEEP0 pin for BEEP
Selects general-purpose I/O port or BEEP
Uses P1D1/BEEP1 pin as general-purpose I/O port
Uses P1D1/BEEP1 pin for BEEP
Selects general-purpose I/O port or BEEP
Fixed to 0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More