データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 297 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 297 Page - NEC

Back Button UPD17708 Datasheet HTML 293Page - NEC UPD17708 Datasheet HTML 294Page - NEC UPD17708 Datasheet HTML 295Page - NEC UPD17708 Datasheet HTML 296Page - NEC UPD17708 Datasheet HTML 297Page - NEC UPD17708 Datasheet HTML 298Page - NEC UPD17708 Datasheet HTML 299Page - NEC UPD17708 Datasheet HTML 300Page - NEC UPD17708 Datasheet HTML 301Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 356 page
background image
297
µPD17704, 17705, 17707, 17708, 17709
Caution To reset the interrupt request flag (IRQxxx) once before the halt instruction is executed, insert
a NOP instruction (or one or more other instructions) between the HALT instruction and the
instruction that resets the interrupt request flag (IRQxxx) as shown below. If a NOP instruction
(or one or more other instructions) is not inserted, the interrupt request flag is not reset, and
therefore, the halt status is released immediately.
Example
:
:
; IRQxxx is set at certain timing
:
CLR1
IRQ
×××
; Resets IRQxxx flag once
NOP
; Resets IRQxxx flag at this timing
; Unless this period is missing, the IRQxxx flag is not reset,
; and the next HALT instruction is immediately released
HALT
1000B
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More