| データシートサーチシステム |
|
UPD17708 データシート(PDF) 306 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17708 データシート(HTML) 306 Page - NEC |
|
306 / 356 page ![]() 306 µPD17704, 17705, 17707, 17708, 17709 21. RESET 21.1 Outline of Reset The reset function is used to initialize the device. The µPD17709 can be reset in the following ways: • CE reset • Power-ON reset • Reset by RESET pin • WDT&SP reset Figure 21-1. Configuration of Reset Block XOUT XIN VDD RESET CE STOP s instruction Voltage detection circuit Falling detection circuit Rising detection circuit BTM0CY flag read Power failure detection block Timer FF block Divider Selector Basic timer 0 carry R S Q Basic timer 0 carry disable FF Power-ON clear signal (POC) Reset control circuit STOP instruction CE reset timer carry counter Watchdog timer stack overflow/underflow detection block CE reset signal WDT&SP reset signal |