データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 351 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 351 Page - NEC

Back Button UPD17708 Datasheet HTML 347Page - NEC UPD17708 Datasheet HTML 348Page - NEC UPD17708 Datasheet HTML 349Page - NEC UPD17708 Datasheet HTML 350Page - NEC UPD17708 Datasheet HTML 351Page - NEC UPD17708 Datasheet HTML 352Page - NEC UPD17708 Datasheet HTML 353Page - NEC UPD17708 Datasheet HTML 354Page - NEC UPD17708 Datasheet HTML 355Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 356 page
background image
351
µPD17704, 17705, 17707, 17708, 17709
APPENDIX A. CAUTIONS ON CONNECTING CRYSTAL RESONATOR
When using the system clock oscillation circuit, wire the portion enclosed by the dotted line in the figure below as
follows to prevent adverse influence from wiring capacity.
•
Keep the wiring length as short as possible.
•
If capacitances C1 and C2 are too high, the oscillation start characteristics may be degraded or current consumption
may increase.
•
Generally, connect a trimmer capacitor for adjusting the oscillation frequency to the XIN pin. Depending on the
crystal resonator to be used, however, the oscillation stability differs. Therefore, evaluate the crystal resonator
actually used.
•
The crystal oscillation frequency cannot be accurately adjusted when an emulation probe is connected to the
XOUT and XIN pin, because of the capacitance of the probe. Adjust the frequency while measuring the VCO
oscillation frequency.
PD17709
4.5-MHz crystal resonator
C1
C2
XOUT
XIN
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More