データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 117 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 117 Page - NEC

Back Button UPD17708 Datasheet HTML 113Page - NEC UPD17708 Datasheet HTML 114Page - NEC UPD17708 Datasheet HTML 115Page - NEC UPD17708 Datasheet HTML 116Page - NEC UPD17708 Datasheet HTML 117Page - NEC UPD17708 Datasheet HTML 118Page - NEC UPD17708 Datasheet HTML 119Page - NEC UPD17708 Datasheet HTML 120Page - NEC UPD17708 Datasheet HTML 121Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 356 page
background image
117
µPD17704, 17705, 17707, 17708, 17709
12. INTERRUPT
12.1 Outline of Interrupt Block
Figure 12-1 outlines the interrupt block.
As shown in the figure, the interrupt block temporarily stops the currently executed program and branches
execution to a vector address in response to an interrupt request output by a peripheral hardware unit.
The interrupt block consists of an “interrupt request servicing block” corresponding to each peripheral
hardware unit, “interrupt enable flip-flop” that enables all interrupts, “stack pointer” that is controlled when an
interrupt is accepted, “address stack registers”, “program counter”, and “interrupt stack”.
The “interrupt control block” of each peripheral hardware unit consists of an “interrupt request flag (IRQ
×××)”
that detects the corresponding interrupt request, “interrupt enable flag (IP
×××)” that enables the interrupt, and
“vector address generator (VAG)” that specifies a vector address when the interrupt is accepted.
The
µPD17709 has the following 12 types of maskable interrupts.
•
CE pin falling edge interrupt
•
INT0 through INT4 interrupts
•
Timer 0 through timer 3 interrupts
•
Serial interface 0 and serial interface 1 interrupts
When an interrupt is accepted, execution branches to a predetermined address, and the interrupt is serviced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More