| データシートサーチシステム |
|
UPD17708 データシート(PDF) 170 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17708 データシート(HTML) 170 Page - NEC |
|
170 / 356 page ![]() µPD17704, 17705, 17707, 17708, 17709 170 (2) Gate counter mode The gate counter mode is used to count the width of a pulse input to the TM0G pin. An example of a program is shown below. In this program example, the width of the pulse input to the TM0G pin is counted from the falling edge to the falling edge. If the pulse width is 800 to 1200 µs, processing C is executed; otherwise, processing B is executed. If the pulse width is 2560 µs or more, processing D is executed. TM0800 DAT 0050H ; Count data = 80 TM01200 DAT 0078H ; Count data = 120 START: BR INITIAL ; Reset address ; Interrupt vector address NOP ; SIO1 NOP ; SIO0 NOP ; TM3 NOP ; TM2 NOP ; TM1 BR INT_TM0 ; TM0 NOP ; INT4 NOP ; INT3 NOP ; INT2 NOP ; INT1 NOP ; INT0 NOP ; Down edge of CE INITIAL: INITFLG NOT TM0EN, TM0RES, NOT TM0CK1, NOT TM0CK0 ; (Stop) , (Reset) , (Basic clock = 10 µs) INITFLG TM0GCEG , TM0GOEG , TM0MD ; (Falling close), (Falling open), (Gate counter) SET1 TM0EN ; START SET1 IPTM0 ; Enables timer 0 interrupt EI LOOP: Processing A BR LOOP INT_TM0: PUT DBFSTK, DBF ; Saves data buffer GET DBF, TM0C INITFLG TM0EN, TM0RES SKT1 TM0OVF ; Detects overflow status (2560 µs or more?) BR AAA Processing D BR EI_RETI AAA: SUB DBF0, #TM0800 AND 0FH SUBC DBF1, #TM0800 SHR4 AND 0FH SKF1 CY ; 800 µs or more? BR BBB SUB DBF0, #TM01200 AND 0FH |