データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 177 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 177 Page - NEC

Back Button UPD17708 Datasheet HTML 173Page - NEC UPD17708 Datasheet HTML 174Page - NEC UPD17708 Datasheet HTML 175Page - NEC UPD17708 Datasheet HTML 176Page - NEC UPD17708 Datasheet HTML 177Page - NEC UPD17708 Datasheet HTML 178Page - NEC UPD17708 Datasheet HTML 179Page - NEC UPD17708 Datasheet HTML 180Page - NEC UPD17708 Datasheet HTML 181Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 356 page
background image
177
µPD17704, 17705, 17707, 17708, 17709
13.4.4 Example of using timer 1
(1) Modulo timer
The modulo timer is used for time management by generating timer 1 interrupt at fixed intervals.
An example of a program is shown below.
This program executes processing B every 500
µs.
TM1DATA
DAT
0032H
; Count data = 50
START:
BR
INITIAL
; Reset address
; Interrupt vector address
NOP
; SIO1
NOP
; SIO0
NOP
; TM3
NOP
; TM2
BR
INT_TM1
; TM1
NOP
; TM0
NOP
; INT4
NOP
; INT3
NOP
; INT2
NOP
; INT1
NOP
; INT0
NOP
; Down edge of CE
INITIAL:
INITFLG
NOT TM1EN, TM1RES, NOT TM1CK1, NOT TM1CK0
;
(Stop)
, (Reset) ,
(Basic clock = 10
µs)
MOV
DBF0, #TM1DATA
MOV
DBF1, #TM1DATA SHR4 AND 0FH
PUT
TM1, DBF
SET1
TM1EN
; START
SET1
IPTM1
; Enables timer 1 interrupt
EI
LOOP:
Processing A
BR
LOOP
INT_TM1:
PUT
DBFSTK, DBF
; Saves data buffer
Processing B
GET
DBF, DBFSTK
EI
RETI
; Return
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More