データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 185 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 185 Page - NEC

Back Button UPD17708 Datasheet HTML 181Page - NEC UPD17708 Datasheet HTML 182Page - NEC UPD17708 Datasheet HTML 183Page - NEC UPD17708 Datasheet HTML 184Page - NEC UPD17708 Datasheet HTML 185Page - NEC UPD17708 Datasheet HTML 186Page - NEC UPD17708 Datasheet HTML 187Page - NEC UPD17708 Datasheet HTML 188Page - NEC UPD17708 Datasheet HTML 189Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 356 page
background image
185
µPD17704, 17705, 17707, 17708, 17709
13.5.5 Error of timer 2
Timer 2 has an error of up to 1 basic clock in the following cases.
(1) On starting/stopping counter
The counter is started or stopped by setting the TM2EN flag.
Therefore, an error of 0 to +1 clocks occurs when the TM2EN flag is set, and an error of –1 to 0 clocks
occurs when the flag is reset.
In all, an error of
±1 count occurs.
(2) On resetting counter operation
An error of 0 to +1 clocks occurs when the counter is reset.
(3) On selecting basic clock during counter operation
An error of 0 to +1 clocks of the newly selected clock occurs.
13.5.6 Cautions on using timer 2
Timer 2 interrupt may occur simultaneously with the other timer interrupts and CE reset. If it is necessary
to update the timer at CE reset, do not use timer 2, use basic timer 0 instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More