| データシートサーチシステム |
|
LX2160A-RDB-B データシート(PDF) 101 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LX2160A-RDB-B データシート(HTML) 101 Page - NXP Semiconductors |
|
101 / 116 page ![]() Function The DUTCFG11 register is used to control the CFG_ENG_USE signals. The function of these bits are defined by silicon engineers for special use. Diagram Bits 7 6 5 4 3 2 1 0 R DRSTDLY ENGUSE1 DDRSRC W RRST SW2[6] SW2[7] SW2[8] 11111 Fields Field Function 7 DRSTDLY ENG_USE0: Extended DDR PHY Reset Timing Mode (cfg_enguse0): 0= Extended (delayed) reset timing for DDR PHY. 1= Standard timing. Valid only on LX2160 Rev. 2 silicon. 6 ENGUSE1 ENG_USE1: Reserved (cfg_enguse1): 1= Default value for reserved pins. 5 DDRSRC ENG_USE2: DDR Clock Source Select (cfg_enguse2): 0= DDR clocked from DDRCLK pin (default). 1= DDR clocked from differential SYSCLK. 4-0 - Reserved. 3.55 DUT Configuration 12 (DUTCFG12) Address Register Offset DUTCFG12 06Ch Function The DUTCFG12 register is used to provide the general-purpose GPCFG signals. These settings are sampled by the processor for customers to use as desired, but have no hardware effects. NXP Semiconductors Qixis Programming Model QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020 Reference Manual 101 / 116 |