| データシートサーチシステム |
|
LX2160A-RDB-B データシート(PDF) 102 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LX2160A-RDB-B データシート(HTML) 102 Page - NXP Semiconductors |
|
102 / 116 page ![]() Diagram Bits 7 6 5 4 3 2 1 0 R GCA W RRST SW4[7:8] 111111 Fields Field Function 7-6 GCA General Purpose Configuration Inputs (cfg_gpin): XX= Value for cfg_gpin[7:6]. 5-0 - Reserved. 3.56 IRQ Management Registers The IRQ control and status registers may be used to monitor and control the behavior of various interrupt (IRQ, EVT, and TMPDET) signals. IRQSTATn registers show the real-time status of connected interrupt pins. Interrupts have device-defined polarities, so no interpretation is made as to whether a signal is considered asserted or deasserted. IRQCTLn registers allow control of interrupt drive options of level-sensitive or edge-sensitive, with active-high or -low assertion. Not all interrupts have this facility. IRQDRVn registers allows forcing interrupt pins to a high or low state. The IRQDRV settings take priority over interrupt sources, so these registers may optionally be used to implement interrupt masks. Interrupt Assignments Interrupt Assignment Has CTL IRQ1 IN112525 PHY LOL Y IRQ6 (none) N IRQ7 Fan interrupt (from EMC2305) N IRQ9 IN112525 PHY LOL if SFP2 MOD_ABS low Y IRQ10 IN112525 PHY LOL if SFP3 MOD_ABS low Y IRQ11 zQSFP+ transceiver (40G PHY) interrupt N TMPDETB TMP_DETECT_B N NXP Semiconductors Qixis Programming Model QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020 Reference Manual 102 / 116 |