データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9803 データシート(PDF) 104 Page - STMicroelectronics

部品番号 L9803
部品情報  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 データシート(HTML) 104 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 100Page - STMicroelectronics L9803 Datasheet HTML 101Page - STMicroelectronics L9803 Datasheet HTML 102Page - STMicroelectronics L9803 Datasheet HTML 103Page - STMicroelectronics L9803 Datasheet HTML 104Page - STMicroelectronics L9803 Datasheet HTML 105Page - STMicroelectronics L9803 Datasheet HTML 106Page - STMicroelectronics L9803 Datasheet HTML 107Page - STMicroelectronics L9803 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 126 page
background image
On-Chip Peripherals
L9803
104/126
falling edge of E2LAT bit.
It is not possible to read the latched data.
Special management of wrong EEPROM access:
If a read happens while E2LAT=1, then the data bus will not be driven.
If a write access happens while E2LAT=0, then the data on the bus will not be latched.
The data latches are cleared when the user sets E2LAT bit.
Note:
Care should be taken in the write routine: the software has to read back the data and rewrite
in case of failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More