| データシートサーチシステム |
|
MPC5744P データシート(PDF) 22 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P データシート(HTML) 22 Page - Freescale Semiconductor, Inc |
|
22 / 114 page ![]() MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Pinouts Freescale Semiconductor 22 A[12] MSCR[12] 0000 (Default) GPIO[12] SIUL2-GPIO[12] General Purpose IO A[12] I/O 122 152 D7 0001 SOUT DSPI2 DSPI 2 Serial Data Out O 0010 A2 FlexPWM_0 FlexPWM_0 Channel A Input/Output 2 I/O 0011 B2 FlexPWM_0 FlexPWM_0 Channel B Input/Output 2 I/O 0100-1111 - Reserved - - IMCR[184] 0001 REQ11 SIUL2 SIUL2 External Interrupt Source 11 I A[13] MSCR[13] 0000 (Default) GPIO[13] SIUL2-GPIO[13] General Purpose IO A[13] I/O 136 168 C5 0001 - Reserved - - 0010 B2 FlexPWM_0 FlexPWM_0 Channel B Input/Output 2 I/O 0011-1111 - Reserved - - IMCR[83] 0010 FAULT0 FlexPWM_0 FlexPWM_0 Fault Input 0 I IMCR[47] 0001 SIN DSPI2 DSPI 2 Serial Data Input I IMCR[185] 0001 REQ12 SIUL2 SIUL2 External Interrupt Source 12 I A[14] MSCR[14] 0000 (Default) GPIO[14] SIUL2-GPIO[14] General Purpose IO A[14] I/O 143 175 A3 0001 TXD CAN1 CAN 1 Transmit Pin O 0010 ETC4 eTimer_1 eTimer_1 Input/Output Data Channel 4 I/O 0011-1111 - Reserved - - IMCR[186] 0001 REQ13 SIUL2 SIUL2 External Interrupt Source 13 I Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |