| データシートサーチシステム |
|
MPC5744P データシート(PDF) 48 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P データシート(HTML) 48 Page - Freescale Semiconductor, Inc |
|
48 / 114 page ![]() MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Pinouts Freescale Semiconductor 48 Table 8 list ports that are not implemented. The corresponding control and data registers are not implemented. Any attempt to access unimplemented MSCRs generates a bus error. The read value from unimplemented ports must be masked in case of parallel port accesses. 2.2.6 Peripheral pin muxing The following table describes the peripheral muxing capabilities of the MPC5744P. See the device Reference Manual for MSCR register addresses. Table 8. Ports - Not Implemented Port Name Port Index C 3,8,9 D 15,13 E 1,3,8 F1,2 G0,1 J[15:12] H2,3 Table 9. Peripheral Muxing Destination Peripherals Destination Functions IMCR Register IMCR:SSS Field Value Source Peripherials Source Functions FlexCAN_0 RXD IMCR[32] 0000_0000 (Default)1 -Disable 0000_0001 I/O-Pad A[15] 0000_0010 I/O-Pad B[1] 0000_0011-1 111_1111 - Reserved FlexCAN_1 RXD IMCR[33] 0000_0000 (Default) -Disable 0000_0001 I/O-Pad A[15] 0000_0010 I/O-Pad B[1] 0000_0011-1 111_1111 - Reserved |