| データシートサーチシステム |
|
MPC5744P データシート(PDF) 16 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P データシート(HTML) 16 Page - Freescale Semiconductor, Inc |
|
16 / 114 page ![]() MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Pinouts Freescale Semiconductor 16 2.2.4 LVDS pins/balls The following table contains information on LVDS pin functions for the devices. Table 5. SIPI LFAST LVDS pin descriptions Functional block Port pin Signal Signal description Direction 176LQFP 257MAPBGA SIPI LFAST1 NOTES: 1 DRCLK and TCK/DRCLK usage for SIPI LFAST and Debug LFAST are described in the MPC5744P reference manual’s SIPI LFAST and Debug LFAST chapters.. I[5] SIPI_TXN Interprocessor Bus LFAST, LVDS Transmit Negative Terminal O 102 N15 C[12]2 2 G[7] and C[12] are available in the 144LQFP, but there is no SIPI LFAST functionality available. SIPI LFAST pins are muxed with GPIOs. Do not use GPIO and SIPI LFAST functionality in parallel. SIPI_TXP Interprocessor Bus LFAST, LVDS Transmit Positive Terminal O 101 M14 I[6] SIPI_RXN Interprocessor Bus LFAST, LVDS Receive Negative Terminal I 103 M15 G[7]2 SIPI_RXP Interprocessor Bus LFAST, LVDS Receive Positive Terminal I 104 M16 |