| データシートサーチシステム |
|
MPC5744P データシート(PDF) 46 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P データシート(HTML) 46 Page - Freescale Semiconductor, Inc |
|
46 / 114 page ![]() MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Pinouts Freescale Semiconductor 46 J[1] MSCR[145] 0000 (Default) GPIO[145] SIUL2-GPIO[145] General Purpose IO J[1] I/O A12 0001 - Reserved - - 0010-1111 - Reserved - - IMCR[50] 0001 SIN DSPI3 DSPI 3 Serial Data Input I J[2] MSCR[146] 0000 (Default) GPIO[146] SIUL2-GPIO[146] General Purpose IO J[2] I/O C11 0001 CS1 DSPI3 DSPI 3 Peripheral Chip Select 1 O 0010-1111 - Reserved - - J[3] MSCR[147] 0000 (Default) GPIO[147] SIUL2-GPIO[147] General Purpose IO J[3] I/O B15 0001 CS2 DSPI3 DSPI 3 Peripheral Chip Select 2 O 0010-1111 - Reserved - - J[4] MSCR[148] 0000 (Default) GPIO[148] SIUL2-GPIO[148] General Purpose IO J[4] I/O D13 0001 CS3 DSPI3 DSPI 3 Peripheral Chip Select 3 O 0010-1111 - Reserved - - IMCR[39] 0001 EXT_IN CTU_1 CTU 1 External Trigger Input I J[5] MSCR[149] 0000 (Default) GPI[149]3 ADC2_ADC3_A N[0] SIUL2-GPI[149] General Purpose Input J[5] I 64 P8 0001 - Reserved - - 0010-1111 - Reserved - - IMCR[206] 0010 SENT_RX[1] SENT0 SENT 0 Receiver channel 1 I J[6] MSCR[150] 0000 (Default) GPI[150]3 ADC2_ADC3_A N[1] SIUL2-GPI[150] General Purpose Input J[6] I 65 P9 0001 - Reserved - - 0010-1111 - Reserved - - IMCR[214] 0010 SENT_RX[1] SENT1 SENT 1 Receiver channel 1 I Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |