| データシートサーチシステム |
|
MPC5744P データシート(PDF) 32 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P データシート(HTML) 32 Page - Freescale Semiconductor, Inc |
|
32 / 114 page ![]() MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Pinouts Freescale Semiconductor 32 D[9] MSCR[57] 0000 (Default) GPIO[57] SIUL2-GPIO[57] General Purpose IO D[9] I/O 26 31 N3 0001 X0 FlexPWM_0 FlexPWM_0 Auxiliary Input/Output 0 I/O 0010 TXD LIN1 LINFlexD 1 Transmit Pin O 0011-1111 - Reserved - - D[10] MSCR[58] 0000 (Default) GPIO[58] SIUL2-GPIO[58] General Purpose IO D[10] I/O 76 93 R16 0001 A0 FlexPWM_0 FlexPWM_0 Channel A Input/Output 0 I/O 0010-1111 - Reserved - - IMCR[59] 0001 ETC0 eTimer_0 eTimer_0 Input Data Channel 0 I D[11] MSCR[59] 0000 (Default) GPIO[59] SIUL2-GPIO[59] General Purpose IO D[11] I/O 78 95 P17 0001 B0 FlexPWM_0 FlexPWM_0 Channel B Input/Output 0 I/O 0010-1111 - Reserved - - IMCR[60] 0001 ETC1 eTimer_0 eTimer_0 Input Data Channel 1 I D[12] MSCR[60] 0000 (Default) GPIO[60] SIUL2-GPIO[60] General Purpose IO D[12] I/O 99 123 F15 0001 X1 FlexPWM_0 FlexPWM_0 Auxiliary Input/Output 1 I/O 0010 CS6 DSPI1 DSPI 1 Peripheral Chip Select 6 O 0011-1111 - Reserved - - IMCR[166] 0010 RXD LIN1 LIN 1 Receive Pin I D[14] MSCR[62] 0000 (Default) GPIO[62] SIUL2-GPIO[62] General Purpose IO D[14] I/O 105 129 E17 0001 B1 FlexPWM_0 FlexPWM_0 Channel B Input/Output 1 I/O 0010-1111 - Reserved - IMCR[62] 0001 ETC3 eTimer_0 eTimer_0 Input Data Channel 3 I Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |