| データシートサーチシステム |
|
MPC5744P データシート(PDF) 10 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P データシート(HTML) 10 Page - Freescale Semiconductor, Inc |
|
10 / 114 page ![]() MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Pinouts Freescale Semiconductor 10 2.2 Pin/ball descriptions The following sections provide signal descriptions and related information about the functionality and configuration of the MPC5744P devices. Note that this section is under development. 2.2.1 Pin/ball startup and reset states This table provides startup state and reset state information for device pins/balls. Table 2. Pin/ball startup and reset states Pin Startup state1 NOTES: 1 Startup state is exited when the core and high-voltage supplies reach minimum levels as defined in the Power Management chapter. State during reset State after reset 144 LQFP 176 LQFP 257MAPBGA GPIOs hi-z hi-z hi-z 2 2 See Section 2.2.5, Generic pins/balls. 22 Analog inputs3 3 Not all non-supply or reference pins on the device that are explicitly defined in this table. hi-z hi-z hi-z 22 2 JCOMP (TRST) hi-z input, weak pull-down input, weak pull-down 4 4 See Section 2.2.3, System pins/balls. 44 TDI hi-z input, weak pull-up input, weak pull-up 44 4 TDO hi-z weak pull-up hi-z 44 4 TMS hi-z input, weak pull-down input, weak pull-down 44 4 TCK hi-z input, weak pull-down input, weak pull-down 44 4 XTAL/EXTAL hi-z hi-z hi-z 44 4 FCCU_F[0] hi-z input, hi-z output/input, hi-z 38 46 R2 FCCU_F[1] hi-z input, hi-z output/input, hi-z 141 173 C4 EXT_POR hi-z input, weak pull-down input, weak pull-down 44 4 RESET_B hi-z input, weak pull-down input, weak pull-down 44 4 |