| データシートサーチシステム |
|
MPC5744P データシート(PDF) 41 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P データシート(HTML) 41 Page - Freescale Semiconductor, Inc |
|
41 / 114 page ![]() Pinouts MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 41 H[7] MSCR[119] 0000 (Default) GPIO[119] SIUL2-GPIO[119] General Purpose IO H[7] I/O 12 F2 0001 X1 FlexPWM_1 FlexPWM_1 Auxiliary Input/Output 1 I/O 0010 ETC1 eTimer_2 eTimer_2 Input/Output Data Channel 1 I/O 0011-1111 - Reserved - - H[8] MSCR[120] 0000 (Default) GPIO[120] SIUL2-GPIO[120] General Purpose IO H[8] I/O 21 L1 0001 A1 FlexPWM_1 FlexPWM_1 Channel A Input/Output 1 I/O 0010 - Reserved - - 0011 CS6 DSPI0 DSPI 0 Peripheral Chip Select 6 O 0100-1111 - Reserved - - IMCR[109] 0010 A1 FlexPWM_1 FlexPWM_1 Channel A Input 1 I H[9] MSCR[121] 0000 (Default) GPIO[121] SIUL2-GPIO[121] General Purpose IO H[9] I/O 139 B13 0001 B1 FlexPWM_1 FlexPWM_1 Channel B Input/Output 1 I/O 0010 - Reserved - - 0011 CS7 DSPI0 DSPI 0 Peripheral Chip Select 7 O 0100-1111 - Reserved - - IMCR[110] 0010 B1 FlexPWM_1 FlexPWM_1 Channel B Input 1 I H[10] MSCR[122] 0000 (Default) GPIO[122] SIUL2-GPIO[122] General Purpose IO H[10] I/O C7 0001 X2 FlexPWM_1 FlexPWM_1 Auxiliary Input/Output 2 I/O 0010 ETC2 eTimer_2 eTimer_2 Input/Output Data Channel 2 I/O 0011-1111 - Reserved - - Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |