| データシートサーチシステム |
|
MPC5744P データシート(PDF) 28 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P データシート(HTML) 28 Page - Freescale Semiconductor, Inc |
|
28 / 114 page ![]() MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Pinouts Freescale Semiconductor 28 C[11] MSCR[43] 0000 (Default) GPIO[43] SIUL2-GPIO[43] General Purpose IO C[11] I/O 80 97 P16 0001 ETC4 eTimer_0 eTimer_0 Input/Output Data Channel 4 I/O 0010 CS2 DSPI2 DSPI 2 Peripheral Chip Select 2 O 0011-1111 - Reserved - - IMCR[63] 0100 ETC4 eTimer_0 eTimer_0 Input Data Channel 4 I C[12] MSCR[44] 0000 (Default) GPIO[44] SIUL2-GPIO[44] General Purpose IO C[12] I/O 82 101 M14 0001 ETC5 eTimer_0 eTimer_0 Input/Output Data Channel 54 I/O 0010 CS3 DSPI2 DSPI 2 Peripheral Chip Select 3 O 0011 - Reserved - O 0100-1111 - Reserved - - IMCR[64] 0011 ETC5 eTimer_0 eTimer_0 Input Data Channel 5 I C[13] MSCR[45] 0000 (Default) GPIO[45] SIUL2-GPIO[45] General Purpose IO C[13] I/O 101 125 E15 0001 ETC1 eTimer_1 eTimer_1 Input/Output Data Channel 1 I/O 0010-0011 - Reserved - - 0100 A0 FlexPWM_1 FlexPWM_1 Channel A Input 0 I/O 0101-1111 - Reserved - - IMCR[38] 0001 (Default) EXT_IN CTU_0 CTU 0 External Trigger Input I IMCR[87] 0001 EXT_SYNC FlexPWM_0 FlexPWM_0 External Trigger Input I IMCR[105] 0001 A0 FlexPWM_1 FlexPWM_1 Channel A Input 0 I Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |