| データシートサーチシステム |
|
MPC5744P データシート(PDF) 19 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P データシート(HTML) 19 Page - Freescale Semiconductor, Inc |
|
19 / 114 page ![]() Pinouts MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 19 A[3] MSCR[3] 0000 (Default) GPIO[3] SIUL2-GPIO[3] General Purpose IO A[3] I/O 92 116 G15 0001 ETC3 eTimer_0 eTimer_0 Input/Output Data Channel 3 I/O 0010 CS0 DSPI2 DSPI 2 Peripheral Chip Select 0 I/O 0011 B3 FlexPWM_0 FlexPWM_0 Channel B Input/Output 3 I/O 0100-1111 - Reserved - - IMCR[171] 0000 ABS2 MC_RGM RGM external boot mode 2 I IMCR[62] 0010 ETC3 eTimer_0 eTimer_0 Input Data Channel 3 I/O IMCR[176] 0001 REQ3 SIUL2 SIUL2 External Interrupt Source 3 I A[4] MSCR[4] 0000 (Default) GPIO[4] SIUL2-GPIO[4] General Purpose IO A[4] I/O 108 132 D16 0001 ETC0 eTimer_1 eTimer_1 Input/Output Data Channel 0 I/O 0010 CS1 DSPI2 DSPI 2 Peripheral Chip Select 1 O 0011 ETC4 eTimer_0 eTimer_0 Input/Output Data Channel 4 I/O 0100 A2 FlexPWM_1 FlexPWM_1 Channel A Input/Output 2 I/O 0101-1111 - Reserved - - IMCR[112] 0001 A2 FlexPWM_1 FlexPWM_1 Channel A Input 2 I/O IMCR[177] 0001 REQ4 SIUL2 SIUL2 External Interrupt Source 4 I IMCR[172] 0000 FAB MC_RGM RGM Force Alternate Boot Mode I IMCR[63] 0011 ETC4 eTimer_0 eTimer_0 Input Data Channel 4 I/O Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |