| データシートサーチシステム |
|
MPC5744P データシート(PDF) 18 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P データシート(HTML) 18 Page - Freescale Semiconductor, Inc |
|
18 / 114 page ![]() MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Pinouts Freescale Semiconductor 18 Table 7. Pin Muxing Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir A[0] MSCR[0] 0000 (Default)1 GPIO[0] SIUL2-GPIO[0] General Purpose IO A[0] I/O 73 86 P12 0001 ETC0 eTimer_0 eTimer_0 Input/Output Data Channel 0 I/O 0010 SCK DSPI2 DSPI 2 Serial Clock (output) I/O 0011-1111 - Reserved - - IMCR[59] 0010 (Default) ETC0 eTimer_0 eTimer_0 Input Data Channel 0 I/O IMCR[173] 0001 REQ0 SIUL2 SIUL2 External Interrupt 0 I A[1] MSCR[1] 0000 (Default) GPIO[1] SIUL2-GPIO[1] General Purpose IO A[1] I/O 74 91 T14 0001 ETC1 eTimer_0 eTimer_0 Input/Output Data Channel 1 I/O 0010 SOUT DSPI2 DSPI 2 Serial Data Out O 0011-1111 - Reserved - - IMCR[60] 0010 ETC1 eTimer_0 eTimer_0 Input Data Channel 1 I/O IMCR[174] 0001 REQ1 SIUL2 SIUL2 External Interrupt Source 1 I A[2] MSCR[2] 0000 (Default) GPIO[2] SIUL2-GPIO[2] General Purpose IO A[2] I/O 84 106 L14 0001 ETC2 eTimer_0 eTimer_0 Input/Output Data Channel 2 I/O 0010 - Reserved - - 0011 A3 FlexPWM_0 FlexPWM_0 Channel A Input 3 I/O 0100-1111 - Reserved - - IMCR[169] 0000 (Default) ABS1 MC_RGM RGM external boot mode 1 I IMCR[47] 0010 SIN DSPI2 DSPI 2 Serial Data Input I IMCR[61] 0010 ETC2 eTimer_0 eTimer_0 Input Data Channel 2 I IMCR[175] 0001 REQ2 SIUL2 SIUL2 External Interrupt Source 2 I |