| データシートサーチシステム |
|
MPC5744P データシート(PDF) 17 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P データシート(HTML) 17 Page - Freescale Semiconductor, Inc |
|
17 / 114 page ![]() Pinouts MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 17 2.2.5 Generic pins/balls The I/O signal descriptions for the device are in the following table. It contains the port definition, multiplexing, direction, pad type, and package pin/ball numbers for each I/O pin on the device. See the device Reference Manual for the MSCR register address map. Table 6. Aurora LVDS pin descriptions Functional Block PAD Signal Signal Description Direction MAPBGA 2571 NOTES: 1 Nexus Aurora High Speed Trace is only available on the 257 Pin MAPBGA Nexus Aurora High Speed Trace G[12] TX0P Nexus Aurora High Speed Trace Lane 0, LVDS Positive Terminal OH14 G[13] TX0N Nexus Aurora High Speed Trace Lane 0, LVDS Negative Terminal OJ14 G[14] TX1P Nexus Aurora High Speed Trace Lane 1, LVDS Positive Terminal O L15 G[15] TX1N Nexus Aurora High Speed Trace Lane 1, LVDS Negative Terminal OK14 H[0] CLKP Nexus Aurora High Speed Trace Clock, LVDS Positive Terminal IK15 H[1] CLKN Nexus Aurora High Speed Trace Clock, LVDS Negative Terminal IJ15 |