| データシートサーチシステム |
|
MPC5744P データシート(PDF) 39 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P データシート(HTML) 39 Page - Freescale Semiconductor, Inc |
|
39 / 114 page ![]() Pinouts MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 39 G[7] MSCR[103] 0000 (Default) GPIO[103] SIUL2-GPIO[103] General Purpose IO G[7]6 I/O 83 104 M16 0001 B3 FlexPWM_0 FlexPWM_0 Channel B Input/Output 3 I/O 0010 - Reserved - - 0011 - Reserved - - 0100-1111 - Reserved - - G[8] MSCR[104] 0000 (Default) GPIO[104] SIUL2-GPIO[104] General Purpose IO G[8] I/O 81 98 N14 0001 FR_DBG[0] FLEXRAY FlexRay Debug Strobe Signal 0 O 0010 CS1 DSPI0 DSPI 0 Peripheral Chip Select 1 O 0011-1111 - Reserved - - IMCR[194] 0001 REQ21 SIUL2 SIUL2 External Interrupt Source 21 I IMCR[83] 0011 FAULT0 FlexPWM_0 FlexPWM_0 Fault Input 0 I G[9] MSCR[105] 0000 (Default) GPIO[105] SIUL2-GPIO[105] General Purpose IO G[9] I/O 79 96 P14 0001 FR_DBG[1] FLEXRAY FlexRay Debug Strobe Signal 1 O 0010 CS1 DSPI1 DSPI 1 Peripheral Chip Select 1 O 0011-1111 - Reserved - - IMCR[202] 0001 REQ29 SIUL2 SIUL2 External Interrupt Source 29 I IMCR[84] 0011 FAULT1 FlexPWM_0 FlexPWM_0 Fault Input 1 I G[10] MSCR[106] 0000 (Default) GPIO[106] SIUL2-GPIO[106] General Purpose IO G[10] I/O 77 94 R17 0001 FR_DBG[2] FLEXRAY FlexRay Debug Strobe Signal 2 O 0010 CS3 DSPI2 DSPI 2 Peripheral Chip Select 3 O 0011-1111 - Reserved - - IMCR[85] 0010 FAULT2 FlexPWM_0 FlexPWM_0 Fault Input 2 I Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |