| データシートサーチシステム |
|
MPC5744P データシート(PDF) 35 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P データシート(HTML) 35 Page - Freescale Semiconductor, Inc |
|
35 / 114 page ![]() Pinouts MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 35 E[15] MSCR[79] 0000 (Default) GPIO[79] SIUL2-GPIO[79] General Purpose IO E[15] I/O 121 151 C8 0001 CS1 DSPI0 DSPI 0 Peripheral Chip Select 1 O 0010-1111 - Reserved - - IMCR[200] 0001 REQ27 SIUL2 SIUL2 External Interrupt Source 27 I F[0] MSCR[80] 0000 (Default) GPIO[80] SIUL2-GPIO[80] General Purpose IO F[0] I/O 133 165 B6 0001 A1 FlexPWM_0 FlexPWM_0 Channel A Input/Output 1 I/O 0010-1111 - Reserved - - IMCR[61] 0001 ETC2 eTimer_0 eTimer_0 Input Data Channel 2 I IMCR[201] 0001 REQ28 SIUL2 SIUL2 External Interrupt Source 28 I F[3] MSCR[83] 0000 (Default) GPIO[83] SIUL2-GPIO[83] General Purpose IO F[3] I/O 139 171 B3 0001 CS6 DSPI0 DSPI 0 Peripheral Chip Select 6 O 0010-1111 - Reserved - - F[4] MSCR[84] 0000 (Default) GPIO[84] SIUL2-GPIO[84] General Purpose IO F[4] I/O 4 5 E1 0001 - Reserved - I/O 0010 MDO[3] NPC_WRAPPER Nexus - Message Data Out Pin 3 O 0011-1111 - Reserved - - F[5] MSCR[85] 0000 (Default) GPIO[85] SIUL2-GPIO[85] General Purpose IO F[5] I/O 5 8 F1 0001 - Reserved - I/O 0010 MDO[2] NPC_WRAPPER Nexus Message Data Out Pin 2 O 0011-1111 - Reserved - - Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |