| データシートサーチシステム |
|
MPC5744P データシート(PDF) 98 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P データシート(HTML) 98 Page - Freescale Semiconductor, Inc |
|
98 / 114 page ![]() MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Electrical characteristics Freescale Semiconductor 98 Figure 28. External interrupt timing 3.17.5 DSPI timing Table 45. DSPI timing No. Symbol C Parameter Conditions Min Max Unit 1tSCK CC D DSPI cycle time Master (MTFE = 0) 62 — ns CC D Slave (MTFE = 0) 62 — CC D Slave Receive Only Mode1 16 — 2tCSC CC D PCS to SCK delay — 16 — ns 3tASC CC D After SCK delay — 16 — ns 4tSDC CC D SCK duty cycle — tSCK/2 - 10 tSCK/2 + 10 ns 5tA CC D Slave access time SS active to SOUT valid — 40 ns 6tDIS CC D Slave SOUT disable time SS inactive to SOUT High-Z or invalid — 10 ns 7tPCSC CC D PCSx to PCSS time — 13 — ns 8tPASC CC D PCSS to PCSx time — 13 — ns 9tSUI CC D Data setup time for inputs Master (MTFE = 0) 20 — ns Slave 2— Master (MTFE = 1, CPHA = 0) 5— Master (MTFE = 1, CPHA = 1) 20 — 10 tHI CC D Data hold time for inputs Master (MTFE = 0) –5 — ns Slave 4 — Master (MTFE = 1, CPHA = 0) 11 — Master (MTFE = 1, CPHA = 1) –5 — 11 tSUO CC D Data valid (after SCK edge) Master (MTFE = 0) — 4 ns Slave — 23 Master (MTFE = 1, CPHA = 0) — 12 Master (MTFE = 1, CPHA = 1) — 4 IRQ 1 2 3 |