データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 107 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 107 Page - NEC

Back Button UPD17708 Datasheet HTML 103Page - NEC UPD17708 Datasheet HTML 104Page - NEC UPD17708 Datasheet HTML 105Page - NEC UPD17708 Datasheet HTML 106Page - NEC UPD17708 Datasheet HTML 107Page - NEC UPD17708 Datasheet HTML 108Page - NEC UPD17708 Datasheet HTML 109Page - NEC UPD17708 Datasheet HTML 110Page - NEC UPD17708 Datasheet HTML 111Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 356 page
background image
107
µPD17704, 17705, 17707, 17708, 17709
(6) Port 2B bit I/O selection register
Name
Flag symbol
b3
P
2
B
B
I
O
3
b2
P
2
B
B
I
O
2
b1
P
2
B
B
I
O
1
b0
P
2
B
B
I
O
0
Address
(BANK15)
6AH
Read/Write
R/W
Port 2B bit I/O selection
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
1
Sets P2B0 pin in input mode
Sets P2B0 pin in output mode
Sets input/output mode of port
Retained
Retained
Sets P2B1 pin in input mode
Sets P2B1 pin in output mode
Sets input/output mode of port
0
1
Sets P2B2 pin in input mode
Sets P2B2 pin in output mode
Sets input/output mode of port
0
1
Sets P2B3 pin in input mode
Sets P2B3 pin in output mode
Sets input/output mode of port
0
1
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More