| データシートサーチシステム |
|
UPD17708 データシート(PDF) 110 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17708 データシート(HTML) 110 Page - NEC |
|
110 / 356 page ![]() µPD17704, 17705, 17707, 17708, 17709 110 (9) Group I/O selection register (ports 3A, 3B, 3C, 3D) Name Flag symbol b3 P 3 D G I O b2 P 3 C G I O b1 P 3 B G I O b0 P 3 A G I O Address (BANK15) 67H Read/Write R/W Group I/O selection Power-ON reset WDT&SP reset CE reset Clock stop 0 1 Sets P3A0 through P3A3 pins in input mode Sets P3A0 through P3A3 pins in output mode Sets input/output mode of port Retained Retained Sets P3B0 through P3B3 pins in input mode Sets P3B0 through P3B3 pins in output mode Sets input/output mode of port 0 1 Sets P3C0 through P3C3 pins in input mode Sets P3C0 through P3C3 pins in output mode Sets input/output mode of port 0 1 Sets P3D0 through P3D3 pins in input mode Sets P3D0 through P3D3 pins in output mode Sets input/output mode of port 0 1 0 0 0 0 0 0 0 0 |