データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 112 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 112 Page - NEC

Back Button UPD17708 Datasheet HTML 108Page - NEC UPD17708 Datasheet HTML 109Page - NEC UPD17708 Datasheet HTML 110Page - NEC UPD17708 Datasheet HTML 111Page - NEC UPD17708 Datasheet HTML 112Page - NEC UPD17708 Datasheet HTML 113Page - NEC UPD17708 Datasheet HTML 114Page - NEC UPD17708 Datasheet HTML 115Page - NEC UPD17708 Datasheet HTML 116Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
112
11.2.7 Status of I/O port at reset
(1) At power-ON reset
All the I/O ports are set in the input mode.
The contents of the output latch are reset to “0”.
(2) At WDT&SP reset
All the I/O ports are set in the input mode.
The contents of the output latch are reset to “0”.
(3) At CE reset
The setting of the input or output mode is retained.
The contents of the output latch are also retained.
(4) On execution of clock stop instruction
The setting of the input or output mode is retained.
The contents of the output latch are also retained.
(5) In halt status
The previous status is retained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More