データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 222 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 222 Page - NEC

Back Button UPD17708 Datasheet HTML 218Page - NEC UPD17708 Datasheet HTML 219Page - NEC UPD17708 Datasheet HTML 220Page - NEC UPD17708 Datasheet HTML 221Page - NEC UPD17708 Datasheet HTML 222Page - NEC UPD17708 Datasheet HTML 223Page - NEC UPD17708 Datasheet HTML 224Page - NEC UPD17708 Datasheet HTML 225Page - NEC UPD17708 Datasheet HTML 226Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 356 page
background image
222
µPD17704, 17705, 17707, 17708, 17709
16.2.4 Clock counter and start/stop detection block
The clock counter is a wrap-around counter that counts the rising edges of the clock.
Because this counter directly reads the status of the clock pin, whether the clock is an internal clock or external
clock cannot be identified.
The contents of the clock counter can be detected via the SIO0SF8 and SIO0SF9 flags of the serial I/O0 status
detection register, but cannot be directly read by program.
The start/stop detection block detects the start and stop conditions when the I2C bus mode is used.
The start and stop conditions are detected by the SBSTT and SBBSY flags of the serial I/O0 status detection
register.
Figure 18-5 shows the configuration of the serial I/O0 status detection register.
For the operation and timing chart of the clock counter, refer to the description of each communication mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More