データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 225 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 225 Page - NEC

Back Button UPD17708 Datasheet HTML 221Page - NEC UPD17708 Datasheet HTML 222Page - NEC UPD17708 Datasheet HTML 223Page - NEC UPD17708 Datasheet HTML 224Page - NEC UPD17708 Datasheet HTML 225Page - NEC UPD17708 Datasheet HTML 226Page - NEC UPD17708 Datasheet HTML 227Page - NEC UPD17708 Datasheet HTML 228Page - NEC UPD17708 Datasheet HTML 229Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 356 page
background image
225
µPD17704, 17705, 17707, 17708, 17709
16.2.6 Wait control block and acknowledge control block
The wait control block keeps communication waiting or releases communication from the wait status.
The condition under which communication is kept waiting is set by the SIO0WRQ0 and 1 flags (bits 0 and 1 of serial
I/O0 wait control register).
Serial communication is started when the SIO0NWT flag (bit 2 of serial I/O0 wait control register) is set (released
from the wait status).
The communication status can be detected by the SIO0NWT flag.
When “0” is written to the SIO0NWT flag while communication is released from the wait status, the wait status is
set. This is called forced wait status.
The acknowledge control block outputs and detects an acknowledge signal in the I2C bus mode.
An acknowledge signal is set and read by the SBACK flag (bit 3 of serial I/O0 wait control register).
Figure 16-7 shows the configuration of the serial I/O0 wait control register.
Figure 16-8 shows the configuration of the serial I/O0 wait status judge register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More