データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RM0352 データシート(PDF) 59 Page - STMicroelectronics

部品番号 RM0352
部品情報  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 データシート(HTML) 59 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 55Page - STMicroelectronics RM0352 Datasheet HTML 56Page - STMicroelectronics RM0352 Datasheet HTML 57Page - STMicroelectronics RM0352 Datasheet HTML 58Page - STMicroelectronics RM0352 Datasheet HTML 59Page - STMicroelectronics RM0352 Datasheet HTML 60Page - STMicroelectronics RM0352 Datasheet HTML 61Page - STMicroelectronics RM0352 Datasheet HTML 62Page - STMicroelectronics RM0352 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 138 page
background image
DocID024647 Rev 1
59/138
RM0352
ARM© dual timer module (SP804)
137
8.3.2
Register descriptions
This section describes the dual timer module registers:
Load register, TimerXLoad
Current value register, TimerXValue
Control register, TimerXControl
Interrupt clear register. TimerXIntClr
Raw interrupt status register, TimerXRIS
Masked interrupt status register, TimerXMIS
Background load register, TimerXBGLoad
Peripheral identification registers, TimerPeriphID0-3
PrimeCell identification registers, TimerPCellID0-3
Note:
The letter X used in register names means a register in either FRC1 or FRC2.
Base+0x38
Read/write
32
0x00000000
Timer2BGLoad
See
Section : Background load register,
TimerXBGLoad on page 62
Base+0x40-
0xEFC
-
-
-
-
RESERVED for future expansion
Base+0xF00-
0xF04
-
-
-
-
RESERVED for test
Base+0xF08-
0xFDC
-
-
-
-
RESERVED for future expansion
Base+0xFE0
Read-only
8
0x04
TimerPeriphID0
See
Section : Timer peripheral ID0
register, TimerPeriphID0 on page 63
Base+0xFE4
Read-only
8
0x18
TimerPeriphID1
See
Section : Timer peripheral ID1
register, TimerPeriphID1 on page 64
Base+0xFE8
Read-only
8
0x14
TimerPeriphID2
See
Section : Timer peripheral ID2
register, TimerPeriphID2 on page 64
Base+0xFEC
Read-only
8
0x00
TimerPeriphID3
See
Section : Timer peripheral ID3
register, TimerPeriphID3 on page 64
Base+0xFF0
Read-only
8
0x0D
TimerPCellID0
See
Section : PrimeCell ID0 register,
TimerPCellID0 on page 65
Base+0xFF4
Read-only
8
0xF0
TimerPCellID1
See
Section : PrimeCell ID1 register,
TimerPCellID1 on page 65
Base+0xFF8
Read-only
8
0x05
TimerPCellID2
See
Section : PrimeCell ID2 register,
TimerPCellID2 on page 66
Base+0xFFC
Read-only
8
0xB1
TimerPCellID3
See
Section : PrimeCell ID3 register,
TimerPCellID3 on page 66
Table 52. Summary of registers (continued)
Address
Type
Width
Reset value
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More