データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RM0352 データシート(PDF) 76 Page - STMicroelectronics

部品番号 RM0352
部品情報  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 データシート(HTML) 76 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 72Page - STMicroelectronics RM0352 Datasheet HTML 73Page - STMicroelectronics RM0352 Datasheet HTML 74Page - STMicroelectronics RM0352 Datasheet HTML 75Page - STMicroelectronics RM0352 Datasheet HTML 76Page - STMicroelectronics RM0352 Datasheet HTML 77Page - STMicroelectronics RM0352 Datasheet HTML 78Page - STMicroelectronics RM0352 Datasheet HTML 79Page - STMicroelectronics RM0352 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 138 page
background image
I2C bus interface
RM0352
76/138
DocID024647 Rev 1
[2:1] OM: Operating Mode.
00: Slave mode. The peripheral can only respond (transmit/receive) when
addresses by a master device.
01: Master mode. The peripheral works in a multi-master system where itself
cannot be addressed by another master device. It can only initiate a new
transfer as master device.
10: Master/Slave mode. The peripheral works in a multi-master system where
itself can be addressed by another master device, besides to initiate a transfer
as a master device.
11: Reserved
[0] PE: Peripheral Enable. PE enables the peripheral to work in the operating
mode set by the I2C_CR.OM register field.:
0: peripheral disabled
1: peripheral enabled.
This bit when deasserted also works as a software reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More