| データシートサーチシステム |
|
RM0352 データシート(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0352 データシート(HTML) 41 Page - STMicroelectronics |
|
41 / 138 page ![]() DocID024647 Rev 1 41/138 RM0352 Watchdog timer (WDG) 137 7.2.1 Watchdog load register (WDT_LR) The WDT_LR register is a 32-bit register containing the value from which the counter is to decrement. When this register is written to, the count is immediately re-started from the new value. The minimum valid value for WDT_LR is 0x1. Table 27. Watchdog load register WDT_LR 7.2.2 Watchdog value register WDT_VAL The WDT_VAL register gives the current value of the decrementing watchdog counter. Table 29. Watchdog value register WDT_VAL WDT_LR (WDT Base + 0x000) Reset value: 0xFFFF_FFFF 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 WDT_LOAD[31:0] R/W Table 28. WDT_LR register bit fields Bit Field Function WDT_LOAD Minimum valid value is 0x1. Watchdog load value Value from which the counter is to decrement. When this register is written to, the count is immediately re-started from the new value. WDT_VAL (WDT Base + 0x004) Reset value: 0xFFFF_FFFF 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 WDTVAL[31:0] R Table 30. WDT_VAL register bit fields Bit Field Function WDTVAL Watchdog value When read, returns the current value of the decrementing watchdog counter. Write has no effect. |