| データシートサーチシステム |
|
RM0352 データシート(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0352 データシート(HTML) 42 Page - STMicroelectronics |
|
42 / 138 page ![]() Watchdog timer (WDG) RM0352 42/138 DocID024647 Rev 1 7.2.3 Watchdog control register WDT_CR The WDT_CR register allows configuring the watchdog timer. The bit assignment is listed in Table 32. Table 31. Watchdog control register WDT_CR 7.2.4 Watchdog interrupt clear register WDT_ICR Writing any value to this register will clear the interrupt output from the watchdog, and reloads the counter from the value in the WDT_LR register. Table 33. Watchdog interrupt clear register WDT_ICR WDT_CR (WDT Base + 0x008) Reset value: 0x0000_0000 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED RESEN INTEN RR/W R/W Table 32. WDT_CR register bit fields Bit field Function RESEN Watchdog reset enable Enable watchdog reset output ( WDOGRES). Acts as a mask for the reset out- put. 0b: watchdog reset disabled (default). 1b: watchdog reset enabled. INTEN Watchdog interrupt enable Enable the interrupt event ( WDOGINT): 0b: watchdog interrupt disabled (default). 1b: watchdog interrupt enabled. WDT_ICR (WDT Base + 0x00C) Reset value: 0x0000_0000 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 WDT_ICLR W Table 34. WDT_ICR register bit fields Bit Field Function WDT_ICLR Watchdog interrupt clear Writing any value will clear the watchdog interrupt and reloads the counter from the WDT_LR register. Reading returns zero. |