データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RM0352 データシート(PDF) 14 Page - STMicroelectronics

部品番号 RM0352
部品情報  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 データシート(HTML) 14 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 10Page - STMicroelectronics RM0352 Datasheet HTML 11Page - STMicroelectronics RM0352 Datasheet HTML 12Page - STMicroelectronics RM0352 Datasheet HTML 13Page - STMicroelectronics RM0352 Datasheet HTML 14Page - STMicroelectronics RM0352 Datasheet HTML 15Page - STMicroelectronics RM0352 Datasheet HTML 16Page - STMicroelectronics RM0352 Datasheet HTML 17Page - STMicroelectronics RM0352 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 138 page
background image
System and memory overview
RM0352
14/138
DocID024647 Rev 1
Table 2. Memory table
Address
Cortex-M0
address map
Size
Remap = 0
Remap = 1
0x0000_0000 - 0x0000_07FF
Code
2 KBytes
(Mirrored)
RAM bank1 (IRQ
vectors)
RAMbank1 (IRQ
vectors)
0x1000_0000 - 0x1000_07FF
2 KBytes
RESERVED
RESERVED
0x1001_0000 - 0x1001_FFFF
64 KBytes
Flash main
RAM bank0
0x1002_0000 - 0x1002_FFFF
64 KBytes
RAM bank0
Flash main
0x2000_0000 - 0x2000_FFFF
SRAM
64 KBytes
RAM bank1
RAM bank1
0x3000_0000 - 0x9FFF_FFFF
7x 256 MBytes
RESERVED (error response)
0xA000_0000 - 0xA000_07FF
External device
4 KBytes
GPIO
0xA100_0000 - 0xA100_07FF
4 KBytes
Flash controller
0xA200_0000 - 0xA200_07FF
4 KBytes
UART1
0xA300_0000 - 0xA300_07FF
4 KBytes
SPI1 master/slave
0xA400_0000 - 0xA400_07FF
4 KBytes
I2C1 master/slave
0xA500_0000 - 0xA500_07FF
4 KBytes
I2C2 slave/master
0xA600_0000 - 0xA600_07FF
4 KBytes
RESERVED
0xA640_0000 - 0xA640_07FF
4 KBytes
DualTimer0
0xA680_0000 - 0xA680_07FF
4 KBytes
DualTimer4
0xA700_0000 - 0xA700_07FF
4 KBytes
RESERVED
0xA740_0000 - 0xA740_07FF
4 KBytes
DualTimer1
0xA780_0000 - 0xA780_07FF
4 KBytes
DualTimer5
0xA800_0000 - 0xA800_07FF
4 KBytes
RESERVED
0xA840_0000 - 0xA840_07FF
4 KBytes
DualTimer2
0xA880_0000 - 0xA880_07FF
4 KBytes
DualTimer6
0xA900_0000 - 0xA900_07FF
4 KBytes
RESERVED
0xA940_0000 - 0xA940_07FF
4 KBytes
DualTimer3
0xA980_0000 - 0xA980_07FF
4 KBytes
DualTimer7
0xAA00_0000 - 0xAA00_07FF
4 KBytes
Watchdog
0xAB00_0000 - 0xAB00_07FF
4 KBytes
Clock and reset management unit
0xAC00_0000 - 0xAC00_07FF
4 KBytes
RESERVED
0xAD00_0000 - 0xAD00_07FF
4 KBytes
RESERVED
0xAE00_0000 - 0xAE00_07FF
4 KBytes
RESERVED
0xAF00_0000 - 0xAF00_07FF
4 KBytes
RESERVED
0xB000_0000 - 0xDFFF_FFFF
3 x 256 MBytes
RESERVED
0xE000_0000 - 0xE00F_FFFF
Private peripheral
bus
1 MByte
Cortex-M0 registers (interrupt
controller, SysTick, etc.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More