データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RM0352 データシート(PDF) 16 Page - STMicroelectronics

部品番号 RM0352
部品情報  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 データシート(HTML) 16 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 12Page - STMicroelectronics RM0352 Datasheet HTML 13Page - STMicroelectronics RM0352 Datasheet HTML 14Page - STMicroelectronics RM0352 Datasheet HTML 15Page - STMicroelectronics RM0352 Datasheet HTML 16Page - STMicroelectronics RM0352 Datasheet HTML 17Page - STMicroelectronics RM0352 Datasheet HTML 18Page - STMicroelectronics RM0352 Datasheet HTML 19Page - STMicroelectronics RM0352 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 138 page
background image
System and memory overview
RM0352
16/138
DocID024647 Rev 1
2.5
Physical remap
The application software can switch between two memory mappings (see
Table 2: Memory
table on page 14). This modification is performed by programming the REMAP bit in the
Flash CONFIG register (see
Section 6.3.5 on page 35). It can be used to switch the
execution code from Flash to ECC RAM bank0. A typical use would be to copy the whole
contents of the Flash into the RAM bank0 and then to set the REMAP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More