| データシートサーチシステム |
|
RM0352 データシート(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0352 データシート(HTML) 48 Page - STMicroelectronics |
|
48 / 138 page ![]() ARM© dual timer module (SP804) RM0352 48/138 DocID024647 Rev 1 Figure 5 shows a simplified block diagram of the module. Figure 5. Simplified block diagram 1. In Figure 5 test logic is not shown for clarity. 8.1.3 Programmable parameters The following dual timer module parameters are programmable: • Free running, periodic, or one-shot timer modes • 32-bit or 16-bit timer operation • Prescaler divider of 1, 16, or 256 • Interrupt generation enable and disable • Interrupt masking. 8.2 Functional overview This section describes the dual timer module (SP804) operation. It contains the following parts: • Overview • Functional description 8.2.1 Overview This section gives a basic overview of the dual timer module operation. See Section 8.2.2: Functional description for a full description of the dual timer module functionality. |