| データシートサーチシステム |
|
RM0352 データシート(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0352 データシート(HTML) 86 Page - STMicroelectronics |
|
86 / 138 page ![]() I2C bus interface RM0352 86/138 DocID024647 Rev 1 10.2.10 I2C interrupt mask set/clear register (I2C_IMSCR) Table 80. I2C interrupt mask set/clear register (I2C_IMSCR) Address: I2CBaseAddress + 0x2C Type: R/W Reset: 0x00000000 I2C interrupt mask set/clear register (I2C_IMSCR) 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED R R/ W R/ W R/ W R R/ W R/ W R/ W R/ W R/ W R/ W R/ W R/ W R/ W R/ W R/ W R R/ W R/ W R/ W R/ W R/ W R/ W R/ W Description: I 2 C interrupt mask set/clear register [30] TIMEOUTM: Timeout or Tlow error mask. TIMEOUTM enables the interrupt bit. TIMEOUT(SMBUS) 0: TIMEOUT interrupt is disabled, but checked internally. 1: TIMEOUT interrupt is enabled. [29] PECERRM: PEC error in reception mask. PECERRM enables the interrupt bit. PECERR(SMBUS) 0: PECERR interrupt is disabled. 1: PECERR interrupt is enabled. [28] MTDWSM: master transaction done without stop mask. MTDWSM enables the interrupt bit. MTDWS. 0: MTDWS interrupt is disabled. 1: MTDWS interrupt is enabled. [25] BERRM: bus error mask. BERRM enables the interrupt bit BERR. 0: BERR interrupt is disabled. 1: BERR interrupt is enabled. [24] MALM: master arbitration lost mask. MALM enables the interrupt bit MAL. 0: MAL interrupt is disabled. 1: MAL interrupt is enabled. |