| データシートサーチシステム |
|
RM0352 データシート(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0352 データシート(HTML) 65 Page - STMicroelectronics |
|
65 / 138 page ![]() DocID024647 Rev 1 65/138 RM0352 ARM© dual timer module (SP804) 137 Figure 14. PrimeCell identification register bit assignments The four, 8-bit PrimeCell identification registers are described in the following subsections: • PrimeCell ID0 register, TimerPCellID0 • PrimeCell ID1 register, TimerPCellID1 • PrimeCell ID2 register, TimerPCellID2 • PrimeCell ID3 register, TimerPCellID3 PrimeCell ID0 register, TimerPCellID0 The TimerPCellID0 register is hard-coded and the fields in the register determine the reset value. Table 61 shows the bit assignments of the register. PrimeCell ID1 register, TimerPCellID1 The TimerPCellID1 register is hard-coded and the fields in the register determine the reset value. Table 62 shows the bit assignment of the register. Table 61. PrimeCell ID0 register bit assignments Bit Name Description [31:8] - RESERVED, read undefined, must be written as zeros [7:0] TimerPCellID0 These bits read back as 0x0D Table 62. PrimeCell ID1 register bit assignments Bit Name Description [31:8] - RESERVED, read undefined, must be written as zeros [7:0] TimerPCellID1 These bits read back as 0xF0 |