データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RM0352 データシート(PDF) 18 Page - STMicroelectronics

部品番号 RM0352
部品情報  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 データシート(HTML) 18 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 14Page - STMicroelectronics RM0352 Datasheet HTML 15Page - STMicroelectronics RM0352 Datasheet HTML 16Page - STMicroelectronics RM0352 Datasheet HTML 17Page - STMicroelectronics RM0352 Datasheet HTML 18Page - STMicroelectronics RM0352 Datasheet HTML 19Page - STMicroelectronics RM0352 Datasheet HTML 20Page - STMicroelectronics RM0352 Datasheet HTML 21Page - STMicroelectronics RM0352 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 138 page
background image
Interrupts
RM0352
18/138
DocID024647 Rev 1
16
Init 0
Settable
TIMER2A
Dual Timer2A
0x0000_0080
17
Init 0
Settable
TIMER2B
Dual Timer2B
0x0000_0084
18
Init 0
Settable
TIMER3A
Dual Timer3A
0x0000_0088
19
Init 0
Settable
TIMER3B
Dual Timer3B
0x0000_008C
20
Init 0
Settable
TIMER4A
Dual Timer4A
0x0000_0090
21
Init 0
Settable
TIMER4B
Dual Timer4B
0x0000_0094
22
Init 0
Settable
TIMER5A
Dual Time5A
0x0000_0098
23
Init 0
Settable
TIMER5B
Dual Timer5B
0x0000_009C
24
Init 0
Settable
TIMER6A
Dual Timer6A
0x0000_00A0
25
Init 0
Settable
TIMER6B
Dual Timer6B
0x0000_00A4
26
Init 0
Settable
TIMER7A
Dual Timer7A
0x0000_00A8
27
Init 0
Settable
TIMER7B
Dual Timer7B
0x0000_00AC
28-31
Init 0
Settable
-
RESERVED
0x0000_00B0 - 0x0000_00BC
1.
Priority level is set to 0 after reset, each interrupt can be programmed with 3 higher priorities.
Table 3. Interrupt vectors(1) (continued)
Position Priority
Type of
priority
Acronym
Description
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More