| データシートサーチシステム |
|
RM0352 データシート(PDF) 134 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0352 データシート(HTML) 134 Page - STMicroelectronics |
|
134 / 138 page ![]() UART (universal asynchronous receive transmit) RM0352 134/138 DocID024647 Rev 1 UARTPeriphID0 register The UARTPeriphID0 register is hard coded and the fields in the register determine the reset value. Table 131 lists the register bit assignments. UARTPeriphID1 register The UARTPeriphID1 register is hard coded and the fields in the register determine the reset value. Table 132 lists the register bit assignments. UARTPeriphID2 register The UARTPeriphID2 register is hard coded and the fields in the register determine the reset value. Table 133 lists the register bit assignments. Table 131. UARTPeriphID0 register Bits Name Description 15:8 - RESERVED, read undefined must read as zeros. 7:0 PartNumber0 These bits read back as 0x11. Table 132. UARTPeriphID1 register Bits Name Description 15:8 - RESERVED, read undefined, must read as zeros. 7:4 Designer0 These bits read back as 0x1. 3:0 PartNumber1 These bits read back as 0x0. Table 133. UARTPeriphID2 register Bits Name Description 15:8 - RESERVED, read undefined, must read as zeros. 7:4 Revision This field depends on the revision of the UART: r1p0 0x0 r1p1 0x1 r1p3 0x2 r1p4 0x2 r1p5 0x3 3:0 Designer1 These bits read back as 0x4. |