| データシートサーチシステム |
|
HT69F360 データシート(PDF) 70 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT69F360 データシート(HTML) 70 Page - Holtek Semiconductor Inc |
|
70 / 235 page ![]() Rev. 1.30 70 �ove��e� 1�� �01� Rev. 1.30 71 �ove��e� 1�� �01� HT69F340/HT69F350/HT69F360 TinyPowerTM I/O Flash MCU with LCD & EEPROM HT69F340/HT69F350/HT69F360 TinyPowerTM I/O Flash MCU with LCD & EEPROM NORMAL Mode to SLOW Mode Switching WhenrunningintheNORMALMode,whichusesthehighspeedsystemoscillator,andtherefore consumesmorepower,thesystemclockcanswitchtorunintheSLOWModebysetthe CKS2~CKS0bitsto“111”intheSCCregister.Thiswillthenusethelowspeedsystemoscillator whichwillconsumelesspower.Usersmaydecidetodothisforcertainoperationswhichdonot requirehighperformanceandcansubsequentlyreducepowerconsumption. TheSLOWModeissourcedfromtheLIRCorLXToscillatorandthereforerequirestheoscillators tobestablebeforefullmodeswitchingoccurs. SL OW M ode SL E EP M ode ID LE 0 M ode ID LE 1 M ode ID LE 2 M ode NO RM AL M od e CK S2 ~ C KS0 = 111B FH ID EN =0 , FS ID EN =0 HA LT i ns t ru ct i on is e xe cu t ed FH ID EN =0 , FS ID EN =1 HA LT i ns t ru ct i on is e xe cu t ed FH ID EN =1 , FS ID EN =1 HA LT i ns t ru ct io n is e xe cu t ed FH ID EN =1 , FS ID EN =0 HA LT i ns t ru ct i on is e xe cu t ed |