| データシートサーチシステム |
|
HT69F360 データシート(PDF) 146 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT69F360 データシート(HTML) 146 Page - Holtek Semiconductor Inc |
|
146 / 235 page ![]() Rev. 1.30 14� �ove��e� 1�� �01� Rev. 1.30 147 �ove��e� 1�� �01� HT69F340/HT69F350/HT69F360 TinyPowerTM I/O Flash MCU with LCD & EEPROM HT69F340/HT69F350/HT69F360 TinyPowerTM I/O Flash MCU with LCD & EEPROM Counte� Value YY CCRP PTnO� PTnPAU CCRP Int. Flag PTMnPF CCRA Int. Flag PTMnAF CCRA Value Ti�e Counte� clea�ed �y CCRP Pause Resu�e Counte� Reset PTnM[1:0] = 01 PTMn Captu�e Pin PTPnI o� PTCKn XX Counte� Stop PTnIO [1:0] Value Active edge Active edge Active edge 00 - Rising edge 01 - Falling edge 10 - Both edges 11 - Disa�le Captu�e XX YY XX YY Capture Input Mode (n=0, 1) Note:1.PTnM[1:0]=01andactiveedgesetbythePTnIO[1:0]bits 2.ATMCaptureinputpinactiveedgetransfersthecountervaluetoCCRA 3.PTnCCLRbitnotused 4.Nooutputfunction–PTnOCandPTnPOLbitsarenotused 5.CCRPdeterminesthecountervalueandthecounterhasamaximumcountvaluewhenCCRPisequalto zero. |