| データシートサーチシステム |
|
HT69F360 データシート(PDF) 160 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT69F360 データシート(HTML) 160 Page - Holtek Semiconductor Inc |
|
160 / 235 page ![]() Rev. 1.30 1�0 �ove��e� 1�� �01� Rev. 1.30 1�1 �ove��e� 1�� �01� HT69F340/HT69F350/HT69F360 TinyPowerTM I/O Flash MCU with LCD & EEPROM HT69F340/HT69F350/HT69F360 TinyPowerTM I/O Flash MCU with LCD & EEPROM I2C Bus Data and Acknowledge Signal Thetransmitteddatais8-bitswideandistransmittedaftertheslavedevicehasacknowledged receiptofitsslaveaddress.TheorderofserialbittransmissionistheMSBfirstandtheLSBlast. Afterreceiptof8-bitsofdata,thereceivermusttransmitanacknowledgesignal,level“0”,before itcanreceivethenextdatabyte.Iftheslavetransmitterdoesnotreceiveanacknowledgebitsignal fromthemasterreceiver,thentheslavetransmitterwillreleasetheSDAlinetoallowthemaster tosendaSTOPsignaltoreleasetheI2CBus.ThecorrespondingdatawillbestoredintheSIMD register.Ifsetupasatransmitter,theslavedevicemustfirstwritethedatatobetransmittedintothe SIMDregister.Ifsetupasareceiver,theslavedevicemustreadthetransmitteddatafromtheSIMD register. Whentheslavereceiverreceivesthedatabyte,itmustgenerateanacknowledgebit,knownas TXAK,onthe9thclock.Theslavedevice,whichissetupasatransmitterwillchecktheRXAKbit intheSIMC1registertodetermineifitistosendanotherdatabyte,ifnotthenitwillreleasethe SDAlineandawaitthereceiptofaSTOPsignalfromthemaster. Da ta 10 1 00 1 0 0 1 0 01010 1 1 S= St ar t (1 b it ) SA =S la ve A dd re ss (7 b it s) SR =S RW b i t ( 1 bi t) M= Sl av e dev ic e s end a ck now l edge bi t (1 b it ) D= Da ta ( 8 bi ts ) A= AC K ( RX AK b i t f or tr ans mi tte r, T XAK b i t f or r ec ei ve r 1 bi t) P= St op (1 b it ) SC L St ar t SD A SR W AC K AC K St op SC L SD A Sl av e Ad dr es s SS AS R MD A DA SS AS R MD A DA P Note:*Whenaslaveaddressismatched,thedevicesmustbeplacedineitherthetransmitmode andthenwritedatatotheSIMDregister,orinthereceivemodewhereitmustimplementa dummyreadfromtheSIMDregistertoreleasetheSCLline. I2C Communication Timing Diagram |