| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MPC5121E Datasheet
# Example questions:
➢ What type of memory is likely being used with the device, and what signal indicates write enable for this memory?
➢ Describe the primary function of the lpc interface as suggested by the pin names provided.
➢ If a system designer needed to connect external peripherals that require a general i/o voltage (vdd_io), which section of the pinout listing would they primarily consult to identify suitable pins?
Overall Context:
️· Product: MPC5121E/MPC5123 – These are microcontrollers (likely Power Architecture based).
️· Document: Data Sheet, Revision 1. Preliminary (suggests it's still in the validation/finalization stage).
️· Focus: Pin Assignments
Detailed Information from the Snippets:
️· Memory Interface (DDR): A significant portion of the pin assignments relate to a DDR (Double Data Rate) memory interface. This indicates that the microcontroller is designed to work with external DDR memory. Key signals include:
- `MDQ0-MDQ31`: Data lines.
- `MDM0-MDM3`: Memory DM (Data Mask) lines.
- `MDQS0-MDQS3`: Data Strobe lines
- `MBA0, MBA1, MBA2`: Memory Bank Address Lines
- `MA0-MA15`: Memory Address Lines
- `MWE`: Memory Write Enable
- `MRAS`: Memory Row Address Strobe
- `MCAS`: Memory Column Address Strobe
- `MCS`: Memory Control Signals
- `MCKE`: Memory Clock Enable
- `MCK`: Memory Clock
️· LPC (Legacy PCI Bus) Interface: This interface is used for communication with older PCI-based peripherals. Signals include:
- `LPC_CLK`: Clock
- `LPC_OE`: Output Enable
- `LPC_RW`: Read/Write
- `LPC_CS0-CS2`: Chip Select lines
- `LPC_ACK`: Acknowledge signal
- `LPC_AX03`: Address/Data Signal
️· EMB (Embedded) Interface: This likely provides a general-purpose interface for connecting to custom or specialized peripherals. Signals include:
- `EMB_AX02, EMB_AX01, EMB_AX00`: Address/Data Signals
- `EMB_AD31-AD27`: Address/Data Signals.
Key Observations & Implications:
️· DDR Memory Support: The extensive DDR pin assignments are a primary feature, suggesting the microcontroller targets applications needing a fast and large memory.
️· Legacy Compatibility: The LPC interface indicates a need to communicate with older PCI-based hardware, which might be relevant in industrial or embedded systems where legacy components are still in use.
️· Flexibility: The EMB interface enables integration with a wide variety of peripherals and custom hardware.
️· Complex Pinout: The number of signals and the variety of interfaces indicate a relatively complex microcontroller suitable for sophisticated applications.
️· Preliminary: The "Preliminary" designation means that the pin assignments could change before the final product is released.
Overall Context:
️· Product: MPC5121E/MPC5123 – These are microcontrollers (likely Power Architecture based).
️· Document: Data Sheet, Revision 1. Preliminary (suggests it's still in the validation/finalization stage).
️· Focus: Pin Assignments
Detailed Information from the Snippets:
️· Memory Interface (DDR): A significant portion of the pin assignments relate to a DDR (Double Data Rate) memory interface. This indicates that the microcontroller is designed to work with external DDR memory. Key signals include:
- `MDQ0-MDQ31`: Data lines.
- `MDM0-MDM3`: Memory DM (Data Mask) lines.
- `MDQS0-MDQS3`: Data Strobe lines
- `MBA0, MBA1, MBA2`: Memory Bank Address Lines
- `MA0-MA15`: Memory Address Lines
- `MWE`: Memory Write Enable
- `MRAS`: Memory Row Address Strobe
- `MCAS`: Memory Column Address Strobe
- `MCS`: Memory Control Signals
- `MCKE`: Memory Clock Enable
- `MCK`: Memory Clock
️· LPC (Legacy PCI Bus) Interface: This interface is used for communication with older PCI-based peripherals. Signals include:
- `LPC_CLK`: Clock
- `LPC_OE`: Output Enable
- `LPC_RW`: Read/Write
- `LPC_CS0-CS2`: Chip Select lines
- `LPC_ACK`: Acknowledge signal
- `LPC_AX03`: Address/Data Signal
️· EMB (Embedded) Interface: This likely provides a general-purpose interface for connecting to custom or specialized peripherals. Signals include:
- `EMB_AX02, EMB_AX01, EMB_AX00`: Address/Data Signals
- `EMB_AD31-AD27`: Address/Data Signals.
Key Observations & Implications:
️· DDR Memory Support: The extensive DDR pin assignments are a primary feature, suggesting the microcontroller targets applications needing a fast and large memory.
️· Legacy Compatibility: The LPC interface indicates a need to communicate with older PCI-based hardware, which might be relevant in industrial or embedded systems where legacy components are still in use.
️· Flexibility: The EMB interface enables integration with a wide variety of peripherals and custom hardware.
️· Complex Pinout: The number of signals and the variety of interfaces indicate a relatively complex microcontroller suitable for sophisticated applications.
️· Preliminary: The "Preliminary" designation means that the pin assignments could change before the final product is released.
| Part No. | MPC5121E |
| Manufacturer | FREESCALE |
| Size | 1Mb |
| Pages | 86 pages |
| Description | Advance Information |