| データシートサーチシステム |
|
MPC5121E データシート(PDF) 11 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5121E データシート(HTML) 11 Page - Freescale Semiconductor, Inc |
|
11 / 86 page ![]() Pin Assignments MPC5121E/MPC5123 Data Sheet, Rev. 1 Freescale Semiconductor 11 PSC2_1 B14 General IO VDD_IO — PSC2_2 E13 General IO VDD_IO — PSC2_3 A14 General IO VDD_IO — PSC2_4 D13 General IO VDD_IO — PSC3_0 AF3 General IO VDD_IO — PSC3_1 AB5 General IO VDD_IO — PSC3_2 AC4 General IO VDD_IO — PSC3_3 AD4 General IO VDD_IO — PSC3_4 AF4 General IO VDD_IO — PSC4_0 AB1 General IO VDD_IO — PSC4_1 AA3 General IO VDD_IO — PSC4_2 AB3 General IO VDD_IO — PSC4_3 AA5 General IO VDD_IO — PSC4_4 AC2 General IO VDD_IO — PSC5_0 AC1 General IO VDD_IO — PSC5_1 AC3 General IO VDD_IO — PSC5_2 AD1 General IO VDD_IO — PSC5_3 AD2 General IO VDD_IO — PSC5_4 AE3 General IO VDD_IO — PSC6_0 A11 General IO VDD_IO — PSC6_1 C10 General IO VDD_IO — PSC6_2 A10 General IO VDD_IO — PSC6_3 B9 General IO VDD_IO — PSC6_4 A9 General IO VDD_IO — PSC7_0 B8 General IO VDD_IO — PSC7_1 E10 General IO VDD_IO — PSC7_2 C8 General IO VDD_IO — PSC7_3 A8 General IO VDD_IO — PSC7_4 A7 General IO VDD_IO — PSC8_0 E9 General IO VDD_IO — PSC8_1 D8 General IO VDD_IO — PSC8_2 C7 General IO VDD_IO — PSC8_3 B6 General IO VDD_IO — PSC8_4 E8 General IO VDD_IO — PSC9_0 C6 General IO VDD_IO — Table 3. MPC5121e/MPC5123 TE-PBGA Pinout Listing (Sheet 8 of 12) Signal Package Pin Number Pad Type Power Supply Notes Preliminary |