データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC5121E データシート(PDF) 20 Page - Freescale Semiconductor, Inc

部品番号 MPC5121E
部品情報  Advance Information
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E データシート(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 1
Electrical and Thermal Characteristics
Freescale Semiconductor
20
1
Notes:
1. General IO – Rise and Fall Times at Drive load 50pF.
2. PCI – Rise and Fall Times at Drive load 10pF.
3. DDR – for LPDDR/Mobile-DDR, slew rate is measured between 20 % VDD_IO_MEM and 80 % VDD_IO_MEM
4. DDR – for DDR, DDR2, rising signals, slew rate is measured between VDD_IO_MEM * 0.5 and ViHAC. For falling signals, slew
rate is measured between VDD_IO_MEM * 0.5 and ViLAC.
5. DDR – Rise and Fall Times terminated at the destination with 50 ohm to MVTT (0.5*VDD_IO_MEM) with 4pF, representing the
DDR input capacitance.
3.1.4
Electrostatic Discharge
CAUTION
This device contains circuitry that protects against damage due to high-static voltage or
electrical fields. However, it is advised that normal precautions be taken to avoid
application of any voltages higher than maximum-rated voltages. Operational
reliability is enhanced if unused inputs are tied to an appropriate logic voltage level (GND
or VDD). Table 10 gives package thermal characteristics for this device.
4 This parameter is meant for those who do not use quartz crystals or resonators, but signal generator clock to drive, in bypass
mode. In that case, drive only the xtal_in pin not connecting anything to other pin for the oscillator’s comparator to produce
output clock.
5 Leakage current is measured with output drivers disabled and pull-up/pull-downs inactive.
6 Pullup current is measured at VIL and pulldown current is measured at VIH.
7 See Table 7 for the typical drive capability of a specific signal pin based on the type of output driver associated with that pin as
listed in Table 3.
8 All injection current is transferred to VDD_IO/VDD_MEM_IO. An external load is required to dissipate this current to maintain
the power supply within the specified voltage range.
Total injection current for all digital input-only and all digital input/output pins must not exceed 10 mA. Exceeding this limit can
cause disruption of normal operation.
Table 7. I/O Pads - Drive Current, Slew Rate
Pad Type
Supply Voltage
Drive Select/Slew
Rate Control
Rise time
max (ns)
Fall time
max (ns)
Current
Ioh (mA)
Current
Iol (mA)
SpecID
General IO
VDD_IO = 3.3V
configuration 3 (11)
1.4
1.6
35
35
D3.41
configuration 2 (10)
9.8
12
D3.42
configuration 1 (01)
19
24
D3.43
configuration 0 (00)
140
183
D3.44
DDR
VDD_MEM_IO = 2.5V (DDR) configuration 3 (011)
2
2
16.2
16.2
D3.45
VDD_MEM_IO = 1.8V
(LPDDR)
configuration 0 (000)
1
1
4.6
4.6
D3.46
configuration 1 (001)
8.1
8.1
D3.47
VDD_MEM_IO = 1.8V
(DDR2)
configuration 2 (010)
1
1
5.3
5.3
D3.48
configuration 6 (110)
13.4
13.4
D3.49
PCI
VDD_IO = 3.3V
configuration 1 (1)
1.4
1.4
11
17
D3.50
configuration 0 (0)
2
2
D3.51
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com