| データシートサーチシステム |
|
MPC5121E データシート(PDF) 8 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5121E データシート(HTML) 8 Page - Freescale Semiconductor, Inc |
|
8 / 86 page ![]() MPC5121E/MPC5123 Data Sheet, Rev. 1 Pin Assignments Freescale Semiconductor 8 PATA_INTRQ J3 General IO VDD_IO — PATA_DRQ J4 General IO VDD_IO ATA name: DMARQ PATA_DACK H2 General IO VDD_IO ATA name: DMACK NFC Interface (7 Total) NFC_WP G4 General IO VDD_IO — NFC_RB H1 General IO VDD_IO — NFC_WE G3 General IO VDD_IO — NFC_RE G2 General IO VDD_IO — NFC_ALE H4 General IO VDD_IO — NFC_CLE H5 General IO VDD_IO — NFC_CE0 H3 General IO VDD_IO — I2C Interface (6 Total) I2C0_SCL AC23 General IO VDD_IO — I2C0_SDA AD26 General IO VDD_IO — I2C1_SCL AB22 General IO VDD_IO — I2C1_SDA AB23 General IO VDD_IO — I2C2_SCL AC25 General IO VDD_IO — I2C2_SDA AA22 General IO VDD_IO — IRQ Interface (2 Total) IRQ0 AC26 General IO VDD_IO — IRQ1 AB25 General IO VDD_IO — CAN Interface (4 Total) CAN1_RX C19 Analog Input VBAT_RTC — CAN1_TX A18 General IO VDD_IO — CAN2_RX B19 Analog Input VBAT_RTC — CAN2_TX E16 General IO VDD_IO — J1850 Interface (2 Total) J1850_TX Y22 General IO VDD_IO — J1850_RX AA24 General IO VDD_IO — SPDIF Interface (3 Total) SPDIF_TXCLK AB21 General IO VDD_IO — SPDIF_TX AD24 General IO VDD_IO — SPDIF_RX AC24 General IO VDD_IO — Table 3. MPC5121e/MPC5123 TE-PBGA Pinout Listing (Sheet 5 of 12) Signal Package Pin Number Pad Type Power Supply Notes Preliminary |