データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TX58TEGXDDKTAX0 データシート(PDF) 36 Page - Toshiba Semiconductor

部品番号 TX58TEGXDDKTAX0
部品情報  Semiconductor & Storage Products
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TX58TEGXDDKTAX0 データシート(HTML) 36 Page - Toshiba Semiconductor

Back Button TX58TEGXDDKTAX0 Datasheet HTML 32Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 33Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 34Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 35Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 36Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 37Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 38Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 39Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 40Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 121 page
background image
TOSHIBA CONFIDENTIAL
Tx58TEGxDDKTAx0
TENTATIVE 2013-07-10C
35
TC58TEG6DDKTA00 / TC58TEG6DDKTAI0
TH58TEG7DDKTA20 / TH58TEG7DDKTAK0
TH58TEG8DDKTA20 / TH58TEG8DDKTAK0
4.1.2. VPP Initialization
To enable VPP, following conditions shall be satisfied:
VCC must be successfully ramped prior to the start of ramping VPP.
VPP shall be ramped to meet its valid range prior to issuing the SET FEATURES (EFh) command to enable the
VPP functionality. The valid range is specified in Table 10 and Table 11.
The SET FEATURES (EFh) command shall be issued after the device is successfully powered-on.
Once VPP is enabled, VPP shall be maintained to keep the valid range.
Regarding power-down when VPP is enabled , following conditions shall be satisfied:
VPP must go down to 0V before VCC ramping down.
The device shall not be turned to power-down during busy period.
4.1.3. Single Channel Discovery
Host shall set to ’Low’ the CE which is to enable the target if connected, while all other CE are set to ’High’.
Host shall then issue the Reset command (FFh) to the target. Following the reset, the host should then issue the
Read ID command to the target. If the Host read out 6 cycles data by the Read ID command with address 00h, then
the corresponding target is connected. If the ID values are not returned or any error is encountered within the
sequence, then the corresponding target may not be connected properly and no further use of the target shall be
done.
4.1.4. Dual Channel Discovery
If there are dual channel in a package, host should issues the Reset command (FFh) to both channels to initialize
all LUNs. Note that the relationships are described between several CE and dual channels. See the Table 4 for
further information.
The sequence of initialization is the same as the sequence for single channel discovery. Host shall set to ’Low’ the
CE which is to enable the target if connected, while all other CE are set to ’High’. Host shall then issue the Reset
command (FFh) to the target. Following the reset, the host should then issue a Read ID command to the target. If
the Host read out 6 cycles data by the Read ID command with address 00h, then the corresponding target is
connected. If the ID values are not returned or any error is encountered within the sequence, then the
corresponding target may not be connected properly and no further use of the target shall be done.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com